PART |
Description |
Maker |
CHT-LDOS CHT-LDOS-025 CHT-LDOS-033 CHT-LDOS-050 CH |
High-Temperature, 2.5V; 3.3V; 5V; 5.5V; 9V; 10V; 12V; 13V or 15V, 1A, Low-Dropout SOI-CMOS Voltage Regulator for symmetrical voltage applications.
|
List of Unclassifed Manufacturers
|
MAX764 MAX764CPA MAX764CSA MAX764EPA MAX764ESA MAX |
-5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters 1.5 A SWITCHING REGULATOR, 300 kHz SWITCHING FREQ-MAX, PDSO8 -5V/-12V/-15V or Adjustable / High-Efficiency / Low IQ DC-DC Inverters From old datasheet system -5V/-12V/-15V or Adjustable High-Efficiency Low IQ DC-DC Inverters
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX739 MAX739CPD MAX739CWE MAX739EPD MAX739EWE MAX |
-5V,-12V,-15V, and Adjustable Inverting Current-Mode PWM Regulators 2.5 A SWITCHING REGULATOR, 185 kHz SWITCHING FREQ-MAX, PDSO16 -5V,-12V,-15V, and Adjustable Inverting Current-Mode PWM Regulators 2.5 A SWITCHING REGULATOR, 165 kHz SWITCHING FREQ-MAX, UUC13 Synchronous 4-Bit Up/Down Counters (Dual Clock With Clear) 16-CDIP -55 to 125 2.5 A SWITCHING REGULATOR, 165 kHz SWITCHING FREQ-MAX, PDIP14 V - 12V的,- 15V的,和可调反相电流模式PWM稳压 -5V /-12V /-15V / and Adjustable Inverting Current-Mode PWM Regulators -5V-12V-15V and Adjustable Inverting Current-Mode PWM Regulators -12V, Inverting, PWM, Current-Mode DC-DC Converter
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
IRG4RC10S IRG4RC10 IRG4RC10STR IRG4RC10STRL IRG4RC |
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.10V, @Vge=15V, IC=2.0A) 绝缘栅双极晶体管(VCES和\u003d 600V电压的Vce(on)典\u003d 1.10V,@和VGE \u003d 15V的,集成电路\u003d 2.0安培 600V DC-1 kHz (Standard) Discrete IGBT in a D-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRG4PH30 IRG4PH30K |
INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=3.10V, @Vge=15V, Ic=10A) 绝缘栅双极晶体管(VCES和\u003d 1200伏,的Vce(on)典\u003d 3.10V,@和VGE \u003d 15V的,集成电路\u003d 10A条) 1200V UltraFast 4-20 kHz Discrete IGBT in a TO-247AC package
|
International Rectifier, Corp.
|
IRG4RC10SD IRG4RC10SDTR IRG4RC10SDTRL IRG4RC10SDTR |
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.10V, @Vge=15V, Ic=2.0A) 绝缘栅双极型晶体管,超快软恢复二极管(VCES和\u003d 600V电压的Vce(on)典\u003d 1.10V,@和VGE \u003d 15V的,集成电路\u003d 2.0安培 600V DC-1 kHz (Standard) Copack IGBT in a D-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
MSK5502-12 |
Available in 12V and 15V Output Voltages
|
M.S. Kennedy Corporatio...
|
MAX761 MAX761CPA MAX761CSA MAX761EPA MAX761ESA MAX |
12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters 12V/15V or Adjustable, High-Efficiency, Low-IQ, Step-Up DC-DC Converters 12V/15V or Adjustable / High-Efficiency / Low IQ / Step-Up DC-DC Converters
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
TML15212 TML05112 TML15105 TML15124 TML05205 TML10 |
Encapsulated Power Supply 15 Watt, input voltage range: 85-264V, output voltage /-12V ( /-650mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 5/ /-15V (2000/ /-150mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 12V (2500mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 15V (2000mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage /-5V ( /-3000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 15V (1000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage /-5V ( /-1500mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 12V (1250mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage /-12V ( /-1300mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 24V (1250mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 5V (6000mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 3.3V (6000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 5/ /-12V (2000/ /-200mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage /-15V ( /-500mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 24V (625mA), encapsulated power supply
|
TRACOPOWER[TRACO Electronic AG] TRACO[Traco Electronic AG]
|
PZ8GG-1515E PZ8GG PZ8GG-0505E PZ8GG-0512E PZ8GG-05 |
Input voltage:12V, output voltage 15V (100mA), 0.5KV isolated 1.5W regulated single output Input voltage:12V, output voltage 12V (125mA), 0.5KV isolated 1.5W regulated single output Input voltage:5V, output voltage 15V (100mA), 0.5KV isolated 1.5W regulated single output Input voltage:5V, output voltage 12V (125mA), 0.5KV isolated 1.5W regulated single output Input voltage:15V, output voltage 12V (125mA), 0.5KV isolated 1.5W regulated single output Input voltage:5V, output voltage 5V (300mA), 0.5KV isolated 1.5W regulated single output Input voltage:15V, output voltage 5V (300mA), 0.5KV isolated 1.5W regulated single output FERRITE CHIP 40 OHM 550MA 0402 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP BEAD 80 OHM SMD 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP 1000 OHM 200MA 0402 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP 470 OHM 250MA 0402 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP 120 OHM 400MA 0402 FERRITE CHIP 240 OHM 300MA 0402 FERRITE CHIP 300 OHM 250MA 0402 FERRITE CHIP 600 OHM 250MA 0402 FERRITE CHIP BEAD 600 OHM SMD PZ8GGxxxxE 0.5 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
|
Electronic Theatre Controls, Inc. PEAK[PEAK electronics GmbH] ETC[ETC] List of Unclassifed Manufacturers
|
CZRB3027-G CZRB3005-G CZRB3008-G CZRB3010-G CZRB30 |
Zener Diodes, P<sub>D</sub>=3Watts, V<sub>Z</sub>=27V Zener Diodes, P-D=3Watts, V-Z=6.2V Zener Diodes, P-D=3Watts, V-Z=8.2V Zener Diodes, P-D=3Watts, V-Z=10V Zener Diodes, P-D=3Watts, V-Z=12V Zener Diodes, P-D=3Watts, V-Z=15V Zener Diodes, P-D=3Watts, V-Z=14V Zener Diodes, P-D=3Watts, V-Z=13V Zener Diodes, P-D=3Watts, V-Z=11V Zener Diodes, P-D=3Watts, V-Z=9.1V Zener Diodes, P-D=3Watts, V-Z=7.5V Zener Diodes, P-D=3Watts, V-Z=6.8V Zener Diodes, P-D=3Watts, V-Z=16V Zener Diodes, P-D=3Watts, V-Z=20V
|
Comchip Technology
|
DC-221R DC-218R DC-216R DC-215R DC-214R DC-212R DC |
1.8watt DC-DC converter, 500Vdc isolation, in=48V, out= /-12V 1.8watt DC-DC converter, 500Vdc isolation, in=48V, out=5V 1.8watt DC-DC converter, 500Vdc isolation, in=24V, out= /-12V 1.8watt DC-DC converter, 500Vdc isolation, in=24V, out=15V 1.8watt DC-DC converter, 500Vdc isolation, in=24V, out=12V 1.8watt DC-DC converter, 500Vdc isolation, in=12V, out= /-15V 1.8watt DC-DC converter, 500Vdc isolation, in=12V, out= /-12V 1.8watt DC-DC converter, 500Vdc isolation, in=12V, out=12V 1.8watt DC-DC converter, 500Vdc isolation, in=12V, out=5V 1.8watt DC-DC converter, 500Vdc isolation, in=5V, out= /-12V 1.8watt DC-DC converter, 500Vdc isolation, in=5V, out= /-5V 1.8watt DC-DC converter, 500Vdc isolation, in=5V, out=12V 1.8watt DC-DC converter, 500Vdc isolation, in=5V, out=5V 1.8watt DC-DC converter, 500Vdc isolation, in=24V, out=5V 1.8watt DC-DC converter, 500Vdc isolation, in=12V, out=9V 1.8watt DC-DC converter, 500Vdc isolation, in=5V, out=9V 1.8watt DC-DC converter, 500Vdc isolation, in=5V, out= /-15V 1.8watt DC-DC converter, 500Vdc isolation, in=24V, out= /-15V 1.8watt DC-DC converter, 500Vdc isolation, in=48V, out= /-15V 1.8watt DC-DC converter, 500Vdc isolation, in=24V, out= /-5V
|
YCL
|
|